Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 159 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 159 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 155Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 156Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 157Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 158Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 159Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 160Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 161Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 162Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 293 page
background image
uPSD34xx
USB interface
159/293
●
USB Global Interrupt Flag Register (UIF0)
There are many different events that generate a USB interrupt requiring a number of
registers to indicate the cause of the interrupt. To more efficiently identify the cause of
the interrupt, the USB Global Interrupt Flag Register (see Table 76) indicates the type
of interrupt that occurred. Once the type of interrupt is identified, the associated
Interrupt Flag Register may be read to determine the exact cause of the interrupt.
Table 76.
USB global interrupt flag register (UIF0 0E8h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GLF
INF
OUTF
NAKF
RSTF
SUSPENDF
EOPF
RESUMF
Bit
Symbol
R/W
Definition
7GLF
R
Global Interrupt flag
Logical OR of the RSTF, SUSPENDF, EOPF, and RESUMF
interrupt flags
6INF
R
IN FIFO Interrupt flag
Logical OR of the IN4F, IN3F, IN2F, IN1F, and IN0F interrupt
flags
5OUTF
R
OUT FIFO Interrupt flag
Logical OR of the OUT4F, OUT3F, OUT2F, OUT1F, and OUT0F
interrupt flags
4
NAKF
R
NAK FIFO Interrupt flag
Logical OR of the NAK4F, NAK3F, NAK2F, NAK1F, and NAK0F
interrupt flags
3RSTF
R/W
USB Reset flag
This bit is set when a USB Reset is detected on the D+ and D-
lines.
Note: A USB Reset does not reset the MCU nor the USB
module. Firmware should disable/enable the USB SIE using
the USEN bit in the UCTL register and initialize all USB related
registers as appropriate.
2
SUSPENDF
R/W
USB suspend mode flag
This bit is set when the SIE detects 3ms of no activity on the
bus and the clock to the SIE is also shut down to conserve
power. Clearing this bit turns the SIE clock on.
1
EOPF
R/W
End of Packet flag
This bit is set when a valid End of Packet sequence is detected
on the D+ and D– line.
0
RESUMEF
R/W
Resume flag
This bit is set when USB bus activity is detected while the
SUSPNDF Bit is set. When a Resume is detected, the
SUSPENDF bit must be cleared (if set) to turn the SIE clock on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com