Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 162 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 162 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 158Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 159Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 160Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 161Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 162Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 163Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 164Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 165Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 293 page
background image
USB interface
uPSD34xx
162/293
●
USB IN FIFO NAK Interrupt Flag (UIF3)
The USB IN FIFO NAK Interrupt Flag register (see Table 79) contains flags that
indicate when an IN Endpoint FIFO is not ready. The Endpoint FIFO is not ready when
data has not been loaded into its FIFO and the USIZE register has not been written to
(writing to the USIZE register puts the FIFO in a “ready” to send data state). Until the
FIFO is ready, the SIE will continue to NAK all IN requests to the respective Endpoint.
Once set, firmware must clear the flag by writing a '0' to the appropriate bit. When
FIFOs are paired, only the odd numbered FIFO Interrupt Flags are active.
Table 79.
USB IN FIFO NAK interrupt flag (UIF3 0EBh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
NAK4F
NAK3F
NAK2F
NAK1F
NAK0F
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
NAK4F
R/W
Endpoint 4 IN FIFO NAK Interrupt flag
This bit is set when the SIE responded to an IN request with a
NAK since the FIFO was not ready.
3
NAK3F
R/W
Endpoint 3 IN FIFO NAK Interrupt flag
This bit is set when the SIE responded to an IN request with a
NAK since the FIFO was not ready.
2
NAK2F
R/W
Endpoint 2 IN FIFO NAK Interrupt flag
This bit is set when the SIE responded to an IN request with a
NAK since the FIFO was not ready.
1
NAK1F
R/W
Endpoint 1 IN FIFO NAK Interrupt flag
This bit is set when the SIE responded to an IN request with a
NAK since the FIFO was not ready.
0
NAK0F
R/W
Endpoint 0 IN FIFO NAK Interrupt flag
This bit is set when the SIE responded to an IN request with a
NAK since the FIFO was not ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com