Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 164 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 164 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 160Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 161Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 162Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 163Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 164Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 165Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 166Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 167Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 293 page
background image
USB interface
uPSD34xx
164/293
●
USB Endpoint0 Status (USTA)
The USB Endpoint0 Status register (see Table 81) provides the status for events that
occur on the USB that are directed to endpoint0.
Table 81.
USB endpoint0 status (USTA 0EDh, reset value 00h)
Important note: Disabling and enabling the USB SIE using the USBEN bit in the UCTL
register clears the RCVT, IN, and OUT bits in this register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
RCVT
SETUP
IN
OUT
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3RCVT
R
Received Data Toggle Bit
This bit indicates the toggle bit of the received data packet:
0 = Data0, and
1 = Data1
2SETUP
R/W
SETUP Token Detect Bit
This bit is set when Endpoint0 receives a SETUP token. This
bit is not cleared when Endpoint0 receives an IN or OUT token
following the SETUP token that set this bit. This bit is cleared
by software or a reset.
1IN
R
IN Token Detect Bit
This bit is set when Endpoint0 receives an IN token. This bit is
cleared when Endpoint0 receives a SETUP or OUT token.
0OUT
R
OUT Token Detect Bit
This bit is set when Endpoint0 receives an OUT token. This bit
is cleared when Endpoint0 receives a SETUP or IN token.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com