Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 165 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 165 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 161Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 162Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 163Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 164Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 165Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 166Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 167Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 168Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 293 page
background image
uPSD34xx
USB interface
165/293
●
USB Endpoint Select Register (USEL)
Endpoints share the same XDATA space for FIFOs as well as the same SFR addresses
for Control and FIFO Valid Size registers. The USB Endpoint Select Register (see
Table 82) is used to select the desired direction and endpoint that is accessed when
reading or writing to the FIFO XDATA address space. This register is also used to
select the direction and Endpoint when accessing the USB Endpoint Control Register.
Table 82.
USB endpoint select register (USEL 0EFh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIR
–
–
–
–
EP[2]
EP[1]
EP[0]
Bit
Symbol
R/W
Definition
7DIR
R/W
FIFO’s Direction Select Bit:
0: IN FIFO select
1: OUT FIFO select
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3
–
–
Reserved
2:0
EP
R/W
Endpoint Selects Bits:
0: Endpoint0
1: Endpoint1
2: Endpoint2
3: Endpoint3
4: Endpoint4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com