Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 170 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 170 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 166Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 167Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 168Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 169Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 170Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 171Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 172Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 173Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 293 page
background image
USB interface
uPSD34xx
170/293
25.5
Typical connection to USB
Connecting the uPSD34xx to the USB is simple and straightforward. Figure 56 shows a
typical self-powered example requiring only three resistors and a USB power detection
circuit. The USB power detection circuit detects when the device has been connected to the
USB. When VBUS is detected, it switches 3.3V to the pull-up resistor on the D+ line. Per the
USB specification, the pull-up resistor on D+ is required to signal to the upstream USB port
when a full speed device has been connected to the bus. The resistors in series in the D+
and D– lines are recommended per the USB specification to reduce transients on the data
lines.
Figure 56.
Typical self powered example
USB Power
Detection Block
22
Ω
VBUS
VCC
D–
D+
GND
USB–
USB+
GND
VCC
VDD
VCC
VDD
22
Ω
USB
uPSD34xx
1.5K
Ω
+3.3V
AI10495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com