Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 174 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 174 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 170Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 171Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 172Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 173Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 174Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 175Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 176Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 177Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 293 page
background image
Analog-to-digital convertor (ADC)
uPSD34xx
174/293
Table 90.
ADCPS register details (SFR 94h, Reset Value 00h)
Table 91.
ADAT0 register (SFR 95h, reset value 00h)
Table 92.
ADAT1 register (SFR 96h, reset value 00h)
Bit
Symbol
Function
7:4
–
Reserved
3
ADCCE
ADC Conversion Reference Clock Enable
0 = ADC reference clock is disabled (default)
1 = ADC reference clock is enabled
2:0
ADCPS[2:0]
ADC Reference Clock PreScaler
Only three Prescaler values are allowed:
ADCPS[2:0] = 0, for fOSC frequency 16MHz or less. Resulting ADC clock is
fOSC.
ADCPS[2:0] = 1, for fOSC frequency 32MHz or less. Resulting ADC clock is
fOSC/2.
ADCPS[2:0] = 2, for fOSC frequency 32MHz > 40MHz. Resulting ADC clock
is fOSC/4.
Bit
Symbol
Function
7:0
–
Store ADC output, Bit 7 - 0
Bit
Symbol
Function
7:2
–
Reserved
1.. 0
–
Store ADC output, Bit 9, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com