Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 199 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 199 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 195Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 196Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 197Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 198Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 199Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 200Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 201Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 202Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 293 page
background image
uPSD34xx
PSD module
199/293
The Flash memories are 16-bit wide when it is in Program Memory space and are 8-bit wide
when it is in the Data Space. When the Flash memory is configured in both “Program
Space” and “Data Space,” the Flash will drive 16-bit in a PSEN cycle and operates as an 8-
bit memory in READ or WRITE cycle.
The SRAM, csiop, and external device are always in 8-bit data space.
Table 105.
Data width in different bus cycles
Note:
x = NA
28.4
Runtime control register definitions (csiop)
The 39 csiop registers are defined in Table 106. The 8032 can access each register by the
address offset (specified in Table 106) added to the csiop base address that was specified
in PSDsoft Express. Do not write to unused locations within the csiop block of 256 registers,
they should remain logic zero.
Table 106.
CSIOP registers and their offsets (in hexadecimal)
Type of Bus Cycle
Main Flash
Secondary
Flash
SRAM
CSIOP
External
Device
PSEN Cycle (Program Memory)
16-bit
16-bit
x
x
x
Read or Write Cycle (Data Memory)
8-bit
8-bit
8-bit
8-bit
8-bit
Flash Programming Cycle (Flash Write
or Reading Status)
8-bit
8-bit
xxx
Register
Name
Port A
(80-pin)
Port B Port C Port D Other
Description
Link
Data In
00h
01h
10h
11h
MCU I/O input mode. Read to
obtain current logic level of pins
on Ports A, B, C, or D. No
WRITEs.
Table 122
on
page 228
Control
02h
03h
Selects MCUI/O or Latched
Address Out mode. Logic 0 =
MCU I/O, 1 = 8032 Addr Out.
Write to select mode. Read for
status.
Table 134
on
page 232
Data Out
04h
05h
12h
13h
MCU I/O output mode. Write to
set logic level on pins of Ports
A, B, C, or D. Read to check
status. This register has no
effect if a port pin is driven by
an OMC output from PLD.
Table 126
on
page 229
Direction
06h
07h
14h
15h
MCU I/O mode. Configures
port pin as input or output.
Write to set direction of port
pins.
Logic 1 = out, Logic 0 = in.
Read to check status.
Table 130
on
page 229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com