Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 207 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 207 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 203Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 204Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 205Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 206Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 207Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 208Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 209Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 210Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 293 page
background image
uPSD34xx
PSD module
207/293
attempted to program bit to logic ’1’ when that bit was already programmed to logic ’0’ (must
erase to achieve logic ’1’).
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed, to compare the byte that was written to the Flash
memory with the byte that was intended to be written.
When using the Data Polling method during an erase operation, Figure 72 still applies.
However, the Data Polling Flag Bit (DQ7) is '0' until the erase operation is complete. A ’1’ on
the Error Flag Bit (DQ5) indicates a time-out condition on the Erase cycle, a ’0’ indicates no
error. The 8032 can read any location within the sector being erased to get the Data Polling
Flag Bit (DQ7) and the Error Flag Bit (DQ5).
Figure 72.
Data polling flowchart
28.5.11
Data Toggle
Checking the Toggle Flag Bit (DQ6) is another method of determining whether a program or
erase operation is in progress or has completed. Figure 73 shows the Data Toggle
algorithm.
When the 8032 issues a program instruction sequence, the embedded algorithm within the
Flash memory array begins. The 8032 then reads the location of the byte to be programmed
in Flash memory to check status. The Toggle Flag Bit (DQ6) of this location toggles each
time the 8032 reads this location until the embedded algorithm is complete. The 8032
continues to read this location, checking the Toggle Flag Bit (DQ6) and monitoring the Error
Flag Bit (DQ5). When the Toggle Flag Bit (DQ6) stops toggling (two consecutive reads yield
the same value), then the embedded algorithm is complete. If the Error Flag Bit (DQ5) is '1,'
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com