Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 209 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 209 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 205Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 206Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 207Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 208Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 209Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 210Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 211Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 212Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 293 page
background image
uPSD34xx
PSD module
209/293
indicate when an erase or program operation is complete (requires routing the signal on PC
board from PC3 back into a pin on the MCU Module). This signal is also available internally
on the PSD Module as an input to both PLDs (without routing a signal externally on PC
board) and its signal name is “rd_bsy”. The Ready/Busy output can be probed during lab
development to check the timing of Flash memory programming in the system at run-time.
28.5.13
Bypassed unlock sequence
The Bypass Unlock mode allows the 8032 to program bytes in the Flash memories faster
than using the standard Flash program instruction sequences because the typical AAh, 55h
unlock bus cycles are bypassed for each byte that is programmed. Bypassing the unlock
sequence is typically used when the 8032 is intentionally programming a large number of
bytes (such as during IAP). After intentional programming is complete, typically the Bypass
mode would be disabled, and full protection is back in place to prevent unwanted WRITEs to
Flash memory.
The Bypass Unlock mode is entered by first initiating two Unlock bus cycles. This is followed
by a third WRITE operation containing the Bypass Unlock command, 20h (as shown in
Table 107 on page 203). The Flash memory array that received that sequence then enters
the Bypass Unlock mode. After this, a two bus cycle program operation is all that is required
to program a byte in this mode. The first bus cycle in this shortened program instruction
sequence contains the Bypassed Unlocked Program command, A0h, to any valid address
within the unlocked Flash array. The second bus cycle contains the address and data of the
byte to be programmed. Programming status is checked using toggle, polling, or
Ready/Busy just as before. Additional data bytes are programmed the same way until this
Bypass Unlock mode is exited.
To exit Bypass Unlock mode, the system must issue the Reset Bypass Unlock instruction
sequence. The first bus cycle of this instruction must write 90h to any valid address within
the unlocked Flash Array; the second bus cycle must write 00h to any valid address within
the unlocked Flash Array. After this sequence the Flash returns to Read Array mode.
During Bypass Unlock Mode, only the Bypassed Unlock Program instruction, or the Reset
Bypass Unlock instruction is valid, other instruction will be ignored.
28.5.14
Erasing Flash memory
Flash memory may be erased sector-by-sector, or an entire Flash memory array may be
erased with one command (bulk).
28.5.15
Flash bulk erase
The Flash Bulk Erase instruction sequence uses six WRITE operations followed by a READ
operation of the status register, as described in Table 107 on page 203. If any byte of the
Bulk Erase instruction sequence is wrong, the Bulk Erase instruction sequence aborts and
the device is reset to the Read Array mode. The address provided by the 8032 during the
Flash Bulk Erase command sequence may select any one of the eight Flash memory sector
select signals FSx or one of the four signals CSBOOTx. An erase of the entire Flash
memory array will occur in a particular array even though a command was sent to just one of
the individual Flash memory sectors within that array.
During a Bulk Erase, the memory status may be checked by reading the Error Flag Bit
(DQ5), the Toggle Flag Bit (DQ6), and the Data Polling Flag Bit (DQ7). The Error Flag Bit
(DQ5) returns a ’1’ if there has been an erase failure. Details of acquiring the status of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com