Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 219 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 219 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 215Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 216Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 217Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 218Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 219Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 220Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 221Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 222Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 293 page
background image
uPSD34xx
PSD module
219/293
28.5.28
Output macrocell
The GPLD has 16 OMCs. Architecture of one individual OMC is shown in Figure 77. OMCs
can be used for internal node feedback (buried registers to build shift registers, etc.), or their
outputs may be routed to external port pins. The user can choose any mixture of OMCs
used for buried functions and OMCs used to drive port pins.
Referring to Figure 77, for each OMC there are native product terms available from the
AND-OR Array to form logic, and also borrowed product terms are available (if unused) from
other OMCs. The polarity of the final product term output is controlled by the XOR gate.
Each OMC can implement sequential logic using the flip-flop element, or combinatorial logic
when bypassing the flip-flop as selected by the output multiplexer. An OMC output can drive
a port pin through the OMC Allocator, it can also drive the 8032 data bus, and also it can
drive a feedback path to the AND-OR Array inputs, all at the same time.
The flip-flop in each OMC can be synthesized as a D, T, JK, or SR type in PSDsoft Express.
OMC flip-flops are specified using PSDsoft Express in the “User Defined Nodes” section of
the Design Assistant. Each flip-flop’s clock, preset, and clear inputs may be driven
individually from a product term of the AND-OR Array, defined by equations in PSDsoft
Express for signals *. c, *.pr, and *.re respectively. The preset and clear inputs on the flip-
flops are level activated, active-high logic signals. The clock inputs on the flip-flops are
rising-edge logic signals.
Optionally, the signal CLKIN (pin PD1) can be used for a common clock source to all OMC
flip-flops. Each flip-flop is clocked on the rising edge. A common clock is specified in
PSDsoft Express by assigning the function “Common Clock Input” for pin PD1 in the Pin
Definition section, and then choosing the signal CLKIN when specifying the clock input (*.c)
for individual flip-flops in the “User Defined Nodes” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com