Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 222 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 222 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 218Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 219Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 220Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 221Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 222Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 223Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 224Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 225Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 293 page
background image
PSD module
uPSD34xx
222/293
Note:
1
MCELLAB0-MCELLAB7 can be output to Port A pins only on 80-pin devices. Port A is not
available on 52-pin devices
2
Port pins PC0, PC1, PC5, and PC6 are dedicated JTAG pins and are not available as
outputs for MCELLBC 0, 1, 5, or 6
28.5.31
Loading and reading OMCs
Each of the two OMC groups (eight OMCs each) occupies a byte in csiop space, named
MCELLAB and MCELLBC (see Table 113 and Table 114). When the 8032 writes or reads
these two OMC registers in csiop it is accessing each of the OMCs through its 8-bit data
bus, with the bit assignment shown in Table 112 on page 221. Sometimes it is important to
know the bit assignment when the user builds GPLD logic that is accessed by the 8032. For
example, the user may create a 4-bit counter that must be loaded and read by the 8032, so
the user must know which nibble in the corresponding csiop OMC register the firmware must
access. The fitter report generated by PSDsoft Express will indicate how it assigned the
OMCs and data bus bits to the logic. The user can optionally force PSDsoft Express to
assign logic to specific OMCs and data bus bits if desired by using the ‘PROPERTY’
statement in PSDsoft Express. Please see the PSDsoft Express User’s Manual for more
information on OMC assignments.
Loading the OMC flip-flops with data from the 8032 takes priority over the PLD logic
functions. As such, the preset, clear, and clock inputs to the flip-flop can be asynchronously
overridden when the 8032 writes to the csiop registers to load the individual OMCs.
Table 113.
Output macrocell MCELLAB (address = csiop + offset 20h)
Note:
All bits clear to logic ’0’ at power-on reset, but do not clear after warm reset conditions (non-
power-on reset)
Table 114.
Output macrocell MCELLBC (address = csiop + offset 21h)
Note:
All bits clear to logic ’0’ at power-on reset, but do not clear after warm reset conditions (non-
power-on reset)
MCELLBC2
Port B or C2
4
5
D2
MCELLBC3
Port B3 or C3
4
5
D3
MCELLBC4
Port B4 or C4
4
6
D4
MCELLBC5
Port B5
4
6
D5
MCELLBC6
Port B6
4
6
D6
MCELLBC7
Port B7 orC7
4
6
D7
OMC
Port
Assignment(1,2)
Native Product
Terms from AND-
OR Array
Maximum
Borrowed Product
Terms
Data Bit on 8032
Data Bus for
Loading or
Reading OMC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCELLAB7
MCELLAB6
MCELLAB5
MCELLAB4
MCELLAB3
MCELLAB2
MCELLAB1
MCELLAB0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCELLBC7
MCELLBC6
MCELLBC5
MCELLBC4
MCELLBC3
MCELLBC2
MCELLBC1
MCELLBC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com