Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 225 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 225 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 221Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 222Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 223Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 224Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 225Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 226Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 227Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 293 page
background image
uPSD34xx
PSD module
225/293
28.5.34
I/O ports
There are four programmable I/O ports on the PSD Module: Port A (80-pin device only), Port
B, Port C, and Port D. Ports A and B are eight bits each, Port C is four bits, and Port D is two
bits for 80-pin devices or 1-bit for 52-pin devices. Each port pin is individually configurable,
thus allowing multiple functions per port. The ports are configured using PSDsoft Express
then programming with JTAG, and also by the 8032 writing to csiop registers at run-time.
Topics discussed in this section are:
●
General Port architecture
●
Port Operating Modes
●
Individual Port Structure
28.5.35
General port architecture
The general architecture for a single I/O Port pin is shown in Figure 80 on page 226. Port
structures for Ports A, B, C, and D differ slightly and are shown in Figure 85 on page 237
though Figure 88 on page 241.
Figure 80 on page 226 shows four csiop registers whose outputs are determined by the
value that the 8032 writes to csiop Direction, Drive, Control, and Data Out. The I/O Port logic
contains an output mux whose mux select signal is determined by PSDsoft Express and the
csiop Control register bits at run-time. Inputs to this output mux include the following:
1.
Data from the csiop Data Out register for MCU I/O output mode (All ports)
2.
Latched de-multiplexed 8032 Address for Address Output mode (Ports A and B only)
3.
Peripheral I/O mode data bit (Port A only)
4.
GPLD OMC output (Ports A, B, and C).
The Port Data Buffer (PDB) provides feedback to the 8032 and allows only one source at a
time to be read when the 8032 reads various csiop registers. There is one PDB for each port
pin enabling the 8032 to read the following on a pin-by-pin basis:
1.
MCU I/O signal direction setting (csiop Direction reg)
2.
Pin drive type setting (csiop Drive Select reg)
3.
Latched Addr Out mode setting (csiop Control reg)
4.
MCU I/O pin output setting (csiop Data Out reg)
5.
Output Enable of pin driver (csiop Enable Out reg)
6.
MCU I/O pin input (csiop Data In reg)
A port pin’s output enable signal is controlled by a two input OR gate whose inputs come
from: a product term of the AND-OR array; the output of the csiop Direction Register. If an
output enable from the AND-OR Array is not defined, and the port pin is not defined as an
OMC output, and if Peripheral I/O mode is not used, then the csiop Direction Register has
sole control of the OE signal.
As shown in Figure 80 on page 226, a physical port pin is connected to the I/O Port logic
and is also separately routed to an IMC, allowing the 8032 to read a port pin by two different
methods (MCU I/O input mode or read the IMC).
28.5.36
Port operating modes
I/O Port logic has several modes of operation. Table 115 on page 223 summarizes which
modes are available on each port. Each of the port operating modes are described in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com