Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 229 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 229 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 225Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 226Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 227Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 293 page
background image
uPSD34xx
PSD module
229/293
Table 126.
MCU I/O mode port A data out register(1) (address = csiop + offset 04h)
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
3
Default state of register is 00h after reset or power-up
Table 127.
MCU I/O mode port B data out register (address = csiop + offset 05h)
Note:
1
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
2
Default state of register is 00h after reset or power-up
Table 128.
MCU I/O mode port C data out register (address = csiop + offset 12h)
Note:
1
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
2
Default state of register is 00h after reset or power-up
Table 129.
MCU I/O mode port D data out register (address = csiop + offset 13h)
Note:
1
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
2
Default state for register is 00h after reset or power-up
3
Not available on 52-pin uPSD34xx devices
Table 130.
MCU I/O mode port A direction register(1) (address = csiop + offset 06h)
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = out from uPSD34xx port pin1, 0 = in to PSD34xx port pin
3
Default state for register is 00h after reset or power-up
Table 131.
MCU I/O mode port B direction in register (address = csiop + offset 07h)
Note:
1
For each bit, 1 = out from uPSD34xx port pin1, 0 = in to PSD34xx port pin
2
Default state for register is 00h after reset or power-up
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7
N/A
N/A
PC4
PC3
PC2
N/A
N/A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
PD2(3)
PD1
N/A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com