Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 284 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 284 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 281Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 282Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 293 page
background image
Package mechanical information
uPSD34xx
284/293
32
Package mechanical information
Figure 114. TQFP52 – 52-lead plastic thin, quad, flat package outline
Table 183.
TQFP52 – 52-lead plastic thin, quad, flat package mechanical data
Symb
Typ (mm)
Min (mm)
Max (mm)
Typ (inch)
Min (inch)
Max (inch)
A
1.50
–
1.70
0.059
–
0.067
A1
0.10
0.05
0.20
0.004
0.002
0.008
A2
1.40
1.30
1.50
0.055
0.039
0.059
b
–
0.20
0.40
–
0.008
0.016
c
–
0.07
0.20
–
0.003
0.008
D
12.00
11.80
12.20
0.472
0.465
0.480
D1
10.00
9.80
10.20
0.394
0.386
0.402
D2
7.80
7.67
7.93
0.307
0.302
0.312
E
12.00
11.80
12.20
0.472
0.465
0.480
E1
10.00
9.80
10.20
0.394
0.386
0.402
E2
7.80
7.67
7.93
0.307
0.302
0.312
e0.65–
–
0.026
–
–
L
–
0.45
0.75
–
0.018
0.030
L1
1.00
–
–
0.039
–
–
α
–
0°
7°
–
0°
7°
n52
52
Nd
13
13
Ne
13
13
CP
––
0.10
––
0.004
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1
Note: Drawing is not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com