Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 287 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 287 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 293 page
background image
uPSD34xx
Important notes
287/293
34
Important notes
The following sections describe the limitations that apply to the uPSD34xx devices and the
differences between revision A and B silicon.
34.1
USB interrupts with idle mode
Description
An interrupt generated by a USB related event does not bring the MCU out of idle mode for
processing.
Impact On Application
Idle mode cannot be used with USB.
Workaround
Revision A - None identified at this time.
Revision B - Corrected in silicon so that a USB interrupt that occurs will bring the MCU out of
idle mode.
34.2
USB Reset Interrupt
Description
When the MCU clock prescaler is set to a value other than fMCU = fOSC (no division), a reset
signal on the USB does not cause a USB interrupt to be generated.
Impact On Application
An MCU clock other than that equal to the frequency of the oscillator cannot be used.
Workaround
Revision A - The CPUPS field in the CCON0 register must be set to 000b (default after
reset). The 3400 USB firmware examples set CCON0 register to 000b.
Revision B - Corrected in silicon so that when an MCU clock prescaler is used, a reset
signal on the USB does generate an interrupt.
34.3
USB Reset
Description
A USB reset does not reset the USB SIE's registers.
Impact On Application
A USB reset does not reset the USB SIE's registers as does a power-on or hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com