Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3051ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3051ESA
Description  2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3051ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3051ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct. 08, 2019
AX3051/A
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AX3051 X XX X
Packing
Blank : Tube
A : Taping
ES: SOP-8L-EP
Blank:100KHz
A:250KHz
Note:
Bin 2: ±5%, Bin 3: ±15% (Sense Voltage)
AX 3
Logo
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y Y W W X
0 5 1
:
45=2045
A
AX3051A
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
IN to GND
-0.3 to 40
V
LX to GND
-1 to VIN + 1
V
BS to GND
VLX - 0.3 to VLX + 7
V
FB, SENSE1, SENSE2, COMP to GND
-0.3 to + 6
V
Operating Junction Temperature
-40 to 150
°C
Storage Junction Temperature
-65 to 150
°C
Lead Temperature (Soldering 10 sec.)
300
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
75
°C/W
Note : θJA is measured with the PCB copper are (need connect to Exposed pad) of approximately 1
in2(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com