Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3051ESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3051ESA
Description  2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3051ESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3051ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 12Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct. 08, 2019
AX3051/A
APPLICATION INFORMATION
Output Voltage Setting
Figure1 Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of
the two feedback resistors RFB1 and RFB2 based on the output voltage. Typically, use
RFB2 ≈ 10kΩ and determine RFB1 from the following equation:
)
1
V
1
V
(
R
=
R
OUT
2
FB
1
FB
-
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current
has a ripple that is dependent on the inductance value:
Higher inductance reduces the peak-to-peak ripple current. The trade off for high
inductance value is the increase in inductor core size and series resistance, and the
reduction in current handling capability. In general, select an inductance value L based on
ripple current requirement:
RIPPLE
OUTMAX
LX
IN
OUT
IN
OUT
K
I
f
V
)
V
V
(
×
V
=
L
-
where VIN is the input voltage, VOUT is the output voltage, fLX is the switching frequency,
IOUTMAX is the maximum output current, and KRIPPLE is the ripple factor. Typically, choose
KRIPPLE = 30% to correspond to the peak-to-peak ripple current being 30% of the maximum
output current.
With this inductor value, the peak inductor current is IOUT × (1 + KRIPPLE/2). Make sure
that this peak inductor current is less than the controller’s current limit. Finally, select the
inductor core size so that it does not saturate at the peak inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com