Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3051ESA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3051ESA
Description  2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3051ESA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3051ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct. 08, 2019
AX3051/A
Output Over-Voltage protection
The AX3051/A provides output over-voltage protection function. When output
over-voltage happens (VSENS2> 5.8V), the AX3051/A shuts down. When output
over-voltage is released (VSENS2< 5.7V), the AX3051/A recovers to normal state
automatically.
Output Short-Circuit protection
The AX3051/A provides output short-circuit protection function. When VOUT is short
(VFB<0.4V), the auto restart function can be started that restart the regulator cycle by cycle.
The cycle time is set by internal counter.
t1
t2
.)
(
90
2
t
.)
(
3
1
t
Sec
m
Sec
m
Thermal Shutdown
The AX3051/A disables switching when its junction temperature exceeds 140°C and
resumes when the temperature has dropped by 30°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com