Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-WS2811 Datasheet(PDF) 2 Page - AG Electronica

Part # IC-WS2811
Description  3-Channel, 256-Level Gray Constant Current LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

IC-WS2811 Datasheet(HTML) 2 Page - AG Electronica

  IC-WS2811 Datasheet HTML 1Page - AG Electronica IC-WS2811 Datasheet HTML 2Page - AG Electronica IC-WS2811 Datasheet HTML 3Page - AG Electronica IC-WS2811 Datasheet HTML 4Page - AG Electronica IC-WS2811 Datasheet HTML 5Page - AG Electronica IC-WS2811 Datasheet HTML 6Page - AG Electronica IC-WS2811 Datasheet HTML 7Page - AG Electronica IC-WS2811 Datasheet HTML 8Page - AG Electronica IC-WS2811 Datasheet HTML 9Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IC-WS2811
Signal line 256 Gray level 3 channel
Constant current LED drive IC
2 / 9
Feature
Output port compression 12V.
Built in stability volt, Only add a resistance to IC
VDD feet when under 24V power supply.
Gray level 256 can be adjusted and scan frequency
not less than 400Hz/s.
Built in signal reshaping circuit,after wave resha-
ping to the next driver, ensure waveform distortion
not accumulate.
Built-in electric reset circuit and power lost reset
circuit.
Cascading port transmission signal by single line.
Any two points the distance not more than 10m
tran-smission signal without any increase circuit.
When the refresh rate is 30fps, low speed model
cascade number are not less than 512 points, high
-
speed mode not less than1024 points.
Send data at speeds of up to 400 Kbps and 800
Kbps two patterns.
Applications
LED decorative lighting.
Indoor/outdoor LED video or irregular screen.
General description
The WS2811 is 3 output channels special for LED driver circuit. It internal include intelligent digital port
data latch and signal reshaping amplification drive circuit.Also include a precision internal oscillator and a 12V
voltage programmable constant current output drive. In the purpose of reduce power supply ripple, the 3 output
channels designed to delay turn-on function.
IC use single NZR communication mode.After the chip power-on reset, the DIN port receive data from
controller, the first IC collect initial 24bit data then sent to the internal data latch, the other data which reshaping
by the internal signal reshaping amplification circuit sent to the next cascade IC through the DO port. After
transmission for each chip,the signal to reduce 24bit. IC adopt auto reshaping transmit technology, making the
chip cascade number is not limited the signal transmission, only depend on the speed of signal transmission.
The data latch of IC depend on the received 24bit data produce different duty ratio signal at OUTR,
OUTG, OUTB port. All chip synchronous send the received data to each segment when the DIN port input a
reset signal. It will receive new data again After the reset signal finished. Before a new reset signal received,
the control signal of OUTR ,OUTG, OUTB port unchanged. IC sent PWM data that received justly to OUTR,
OUTG, OUTB port, after receive a low voltage reset signal the time retain over 50us.
We offer three package SOP8, DIP8 and MSOP8.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com