Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-WS2811 Datasheet(PDF) 3 Page - AG Electronica

Part # IC-WS2811
Description  3-Channel, 256-Level Gray Constant Current LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

IC-WS2811 Datasheet(HTML) 3 Page - AG Electronica

  IC-WS2811 Datasheet HTML 1Page - AG Electronica IC-WS2811 Datasheet HTML 2Page - AG Electronica IC-WS2811 Datasheet HTML 3Page - AG Electronica IC-WS2811 Datasheet HTML 4Page - AG Electronica IC-WS2811 Datasheet HTML 5Page - AG Electronica IC-WS2811 Datasheet HTML 6Page - AG Electronica IC-WS2811 Datasheet HTML 7Page - AG Electronica IC-WS2811 Datasheet HTML 8Page - AG Electronica IC-WS2811 Datasheet HTML 9Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IC-WS2811
Signal line 256 Gray level 3 channel
Constant current LED drive IC
3 / 9
PIN configuration
PIN function
NO.
Symbol
Function description
1
OUTR
Output of Red PWM control
2
OUTG
Output of Green PWM control
3
OUTB
Output of Blue PWM control
4
GND
Ground
5
DOUT
Data signal cascade output
6
DIN
Data signal input
7
NC
Dangling
8
VDD
Power supply voltage
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VDD
+6.0~+7.0
V
Output voltage
VOUT
12
V
Input voltage
VI
-0.5~VDD+0.5
V
Operation function temperature
Topt
-25~+85
℃
Storage temperature range
Tstg
-55~+150
℃
Note: If the voltage on the pins exceeds the maximum ratings may cause permanent damage to the
device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com