Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-WS2811 Datasheet(PDF) 4 Page - AG Electronica

Part # IC-WS2811
Description  3-Channel, 256-Level Gray Constant Current LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

IC-WS2811 Datasheet(HTML) 4 Page - AG Electronica

  IC-WS2811 Datasheet HTML 1Page - AG Electronica IC-WS2811 Datasheet HTML 2Page - AG Electronica IC-WS2811 Datasheet HTML 3Page - AG Electronica IC-WS2811 Datasheet HTML 4Page - AG Electronica IC-WS2811 Datasheet HTML 5Page - AG Electronica IC-WS2811 Datasheet HTML 6Page - AG Electronica IC-WS2811 Datasheet HTML 7Page - AG Electronica IC-WS2811 Datasheet HTML 8Page - AG Electronica IC-WS2811 Datasheet HTML 9Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IC-WS2811
Signal line 256 Gray level 3 channel
Constant current LED drive IC
4 / 9
Electrical Characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)
Parameter
Symbol
Condition
Min
Type
Max
Unit
Low voltage output
current
IOL
ROUT
——
18.5
——
mA
Idout
Vo=0.4V,DOUT
10
——
——
mA
Input current
II
VI=VDD/VSS
——
——
±1
µA
Input voltage level
VIH
DIN,SET
0.7VDD
——
——
V
VIL
DIN,SET
——
——
0.3 VDD
V
Hysteresis voltage
VH
DIN,SET
——
0.35
——
V
Switching characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)
Parameter
Symbol
Condition
Min
Type
Max
Unit
Operation
frequency
Fosc
——
——
800
——
KHz
Transmission delay
time
tPLZ
CL=15pF,DIN→
DOUT,RL=10KΩ
——
——
300
ns
Fall time
tTHZ
CL=300pF,OUTR/OUTG/OUTB
——
——
120
µs
Data transmission
rate
FMAX
Duty ratio50%
400
——
——
Kbps
Input capcity
CI
——
——
——
15
pF
Sequence of time
T0H
0 code,high voltage time
0.40us
±150ns
T1H
1 code,high voltage time
0.85us
±150ns
T0H
0 code,low voltage time
0.85us
±150ns
T1H
1 code,low voltage time
0.40us
±150ns
RES
low voltage time
Above 50µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com