Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED-WS2812B-2020 Datasheet(PDF) 1 Page - AG Electronica

Part # LED-WS2812B-2020
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LED-WS2812B-2020 Datasheet(HTML) 1 Page - AG Electronica

  LED-WS2812B-2020 Datasheet HTML 1Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 2Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 3Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 4Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 5Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 6Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 7Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 8Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LED-WS2812B-2020
Intelligent control LED integrated
light source
Features and Benefits
The control integrated circuit and the LED share the only power source.
12mA operating current per channel.
Control circuit and RGB chip are integrated in a package of
2020 components, to form a complete addressable pixel.
Built-in signal reshaping circuit, after wave reshaping to the next driver, ensure wave-form distortion not accumulate.
Built-in electric reset circuit and power lost reset circuit.
Each pixel of the three primary color can achieve 256 brightness display, completed 16777216 color full color display,
and scan frequency is of
2KHz.
Cascading port transmission signal by single line.
Any two point the distance not more than 3m transmission signal without any increase circuit.
When the refresh rate is 30fps, cascade number are not less than 1024 pixels.
Send data at speeds of 800Kbps.
●
The color of the light is highly consistent, cost-effective.
●
With reverse power connection, it will not be damaged.
●
All external electronic components including capacitors are not required.
Applications
Consumer Electronics,LED lighting.
LED decorative lighting, Indoor/outdoor LED irregular screen, game machine and amusement equipment etc.
General description
WS2812B-2020 is an intelligent control LED light source, its exterior adopts the latest MOLDING packaging technology,
the control circuit and RGB chips are integrated in a package of
2020 component. Its internal includes intelligent digital port
data latch and signal reshaping amplification drive circuit. Also include a precision internal oscillator and a voltage
programmable constant current control part, effectively ensuring the pixel point light color height consistent.
The data transfer protocol use single NZR communication mode. After the pixel power-on reset, the DIN port receive data
from controller, the first pixel collect initial 24bit data then sent to the internal data latch, the other data which reshaping by the
internal signal reshaping amplification circuit sent to the next cascade pixel through the DO port. After transmission for each
pixel, the signal to reduce 24bit. pixel adopt auto reshaping transmit technology, making the pixel cascade number is not
limited the signal transmission, only depend on the speed of signal transmission.
RESET time
>280μs , it won't cause wrong reset while interruption, it supports the lower frequency and inexpensive MCU.
Refresh Frequency updates to
2KHz, Low Frame Frequency and No Flicker appear in HD Video Camera, it improve
excellent display effect.
LED with low driving voltage, environmental protection and energy saving, high brightness, large scattering angle, good
consistency, low power, long life and other advantages. The control chip integrated in LED above becoming more simple
circuit, small volume, convenient installation.
1 /
8


Similar Part No. - LED-WS2812B-2020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
logo
List of Unclassifed Man...
LED-10X3 ETC1-LED-10X3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
More results

Similar Description - LED-WS2812B-2020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
Intelligent control LED integrated light source
WS2812C WORLDSEMI-WS2812C Datasheet
656Kb / 8P
Intelligent control LED integrated light source
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
Intelligent control LED integrated light source
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com