Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED-WS2812B-2020 Datasheet(PDF) 7 Page - AG Electronica

Part # LED-WS2812B-2020
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LED-WS2812B-2020 Datasheet(HTML) 7 Page - AG Electronica

  LED-WS2812B-2020 Datasheet HTML 1Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 2Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 3Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 4Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 5Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 6Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 7Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 8Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1. Please use it under the condition of T<30°C and RH<60%;
2. The product opening period to the reflow soldering completion time period is controlled within 24H;
3. If time-out occurs, it is necessary to dehumidify and bake the LED.
2.4 Demand for dehumidification:
75℃/>24H
3. SMT Reflow
Refer to the parameters listed below, the experimental results prove that the TOP SMD LED meets the JEDEC
J-STD-020C standards. As a general guideline, it is recommended to follow the SMT reflow temperature curve
recommended by the solder paste manufacturer.
Remarks: 1. These general guidelines may not apply to all PCB designs and reflow soldering configurations.
2. All temperatures referred are measured on the surface of the package body.
Curve Description
Lead-free
The lowest preheat temperature (Tsmin)
150℃
The highest preheat temperature (Tsmax)
200℃
Preheating time (Tsmin to Tsmax) (ts)
60-180 S
Average rate of temperature rise (Tsmax to Tp)
<3℃/S
LIQUID REGION temperature (TL)
217℃
LIQUID REGION Holding Time (tL)
60-150 S
Peak Temperature (Tp)
240℃
High Temperature Region(Tp=-5℃) Holding
<10 S
Cooling Rate
<6℃/S
Room Temperature to Peak Holding Time
<6 min
7 /
8
LED-WS2812B-2020
Intelligent control LED integrated
light source
2.3. SMT patch description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com