Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED-WS2812B-2020 Datasheet(PDF) 6 Page - AG Electronica

Part # LED-WS2812B-2020
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LED-WS2812B-2020 Datasheet(HTML) 6 Page - AG Electronica

  LED-WS2812B-2020 Datasheet HTML 1Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 2Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 3Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 4Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 5Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 6Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 7Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 8Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1. Summary
To make the best use of
LED, please refer to the below precautions, they are of same usage method as
other electronic components.
2. Cautions
1. Dust & Cleaning
The surface of the LED is encapsulated with modified epoxy resin because it plays a very good role in protecting
the optical performance and aging resistance. The modified epoxy resin is easy to stick with dust and must be kept
clean. When there’s a certain amount of dust on the surface of the LED, it won’t affect brightness, but dust proof
should be taken care of. Promoting the use of unsealed package in preference to others and the assembled LEDs
should be placed in a clean container.
Avoid using the organic solvents to clean the dust on the LED surface and it’s necessary to confirm whether the
cleaning fluid will dissolve the LED.
Do not clean the LEDs by the ultrasonic. Some parameters affecting the LED performance must be evaluated if
have no alternative but to the ultrasonic cleaning method, such as ultrasonic power, baking time and assembly
conditions, etc.
2. Moisture-proof packaging
TOP SMD LEDs are moisture sensitive components. LEDs are packaged in aluminum foil bag to prevent the
from absorbing moisture during transport and storage. A desiccant is placed in the bags to absorb moisture. If the
LED absorbs moisture, then it evaporates and expands when in reflow process, which may break the colloid from
the bracket and damage the optical performance of LED. For this reason, moisture-proof packaging is to prevent
the from absorbing moisture during transport and storage. The moisture resistance rating of LED is:
LEVEL 5a.
Tabel I - IPC/JEDEC J-STD-020 Moisture/Reflow Sensitivity
Classification
6 /8
MSL Level
Workshop Life
Time
Conditions
LEVEL1
Unlimited
≤30℃/85%RH
LEVEL2
1 Year
≤30℃/60%RH
LEVEL2a
4 Weeks
≤30℃/60%RH
LEVEL3
168 Hours
≤30℃/60%RH
LEVEL4
72 Hours
≤30℃160%RH
LEVEL5
48 Hours
≤30℃/60%RH
LEVEL5a
24 Hours
≤30℃/60%RH
LEVEL6
Take-out and Use immediately
≤30℃/60%RH
LED-WS2812B-2020
Intelligent control LED integrated
light source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com