Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5930 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5930
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5930 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5930 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5930 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5930
2006-11-13
3
IC – VCE
hFE − IC
VCE (sat) − IC
VBE (sat) − IC
IC – VBE
Collector-emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Base-emitter voltage VBE (V)
100°C
25
−55
1
0.001
10
100
1000
0.01
0.1
10
1
0.003
0.03
0.3
3
3
30
300
3000
Common emitter
VCE = 5 V
Ta
= 100°C
−55
Ta
= −55°C
100
0.01
0.001
0.1
1
10
0.01
0.1
10
1
0.003
0.03
0.3
3
0.03
0.3
3
30
Common emitter
β = 8
25
25
0
0.4
1.2
1.6
Common emitter
VCE = 5 V
Ta
= 100°C
−55
1.6
1.2
0.8
0.4
0
0.8
2
100°C
Ta
= 100°C
25
−55
0.01
0.001
0.1
1
10
0.01
0.1
10
1
0.003
0.03
0.3
3
0.03
0.3
3
30
Common emitter
β = 8
40
20
10
IB = 5 mA
Common emitter
Ta
= 25°C
0
0
2.4
1.6
0.8
0.2
0.4
0.6
1
0.4
1.2
2
60
140
80
100
120
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com