Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1628126 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1628126
Description  EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628126 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1628126 Datasheet HTML 1Page - PHOENIX CONTACT 1628126 Datasheet HTML 2Page - PHOENIX CONTACT 1628126 Datasheet HTML 3Page - PHOENIX CONTACT 1628126 Datasheet HTML 4Page - PHOENIX CONTACT 1628126 Datasheet HTML 5Page - PHOENIX CONTACT 1628126 Datasheet HTML 6Page - PHOENIX CONTACT 1628126 Datasheet HTML 7Page - PHOENIX CONTACT 1628126 Datasheet HTML 8Page - PHOENIX CONTACT 1628126 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Color (Handle area)
black (9005)
Color (Actuating element)
silver grey (7001)
Color (Mating face)
black (9005)
Color (Protective cap)
black (9005)
Color (Cable)
black (9005)
Material (Vehicle charging connector)
Plastic
Material (Cable outer sheath)
TPE-U
Material (Contact surface)
Silver
Cable/line
Cable length
5 m
Wiring standards/regulations
prEN 50620/DIN EN 50620
Wiring certifications
VDE
Cable weight
max. 305.00 kg/km
Cable type
Class 5
Cable type
straight
Cable structure
3 x 6.0 mm² + 1 x 0.5 mm²
External cable diameter
12.80 mm ±0.4 mm
Outer sheath, material
TPE-U
Stripping length of the sheath
70 mm ±5 mm
Stripping length
70 mm ±5 mm
Cable resistance
≤ 0.0033 Ω/m (based on a power core, at an ambient
temperature of 20°C)
Bending radius
min. 96 mm (7.5x diameter)
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 10000
Insertion force
< 75 N
Withdrawal force
< 75 N
Environmental and real-life conditions
Ambient conditions
Degree of protection (Vehicle charging inlet)
IP44 (plugged in; when plugged in and ready to operate, the
degree of protection is only ensued if both plug-in components
are original products from Phoenix Contact or suitable standard-
compliant products)
Degree of protection (Protective cap)
IP54
Ambient temperature (operation)
-30 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Altitude
5000 m (above sea level)
Standards and regulations
Standards
EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging
cable
1628126
https://www.phoenixcontact.com/us/products/1628126
Apr 16, 2025, 5:44AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com