Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1628126 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1628126
Description  EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628126 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1628126 Datasheet HTML 1Page - PHOENIX CONTACT 1628126 Datasheet HTML 2Page - PHOENIX CONTACT 1628126 Datasheet HTML 3Page - PHOENIX CONTACT 1628126 Datasheet HTML 4Page - PHOENIX CONTACT 1628126 Datasheet HTML 5Page - PHOENIX CONTACT 1628126 Datasheet HTML 6Page - PHOENIX CONTACT 1628126 Datasheet HTML 7Page - PHOENIX CONTACT 1628126 Datasheet HTML 8Page - PHOENIX CONTACT 1628126 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
AC charging cable
Product family
CHARX connect comfort
for charging electric vehicles (EV) with alternating current (AC)
via type 1 vehicle charging inlets
Application
for installation at charging stations for electromobility (EVSE)
AC charging cable
Type
with vehicle charging connector and open cable end
with protective cap
Design
with locking option for padlock
Affixed logo
PHOENIX CONTACT logo
Charging mode
Mode 3, Case C
Charging standard
Type 1
Customer variations
On request
Electrical properties
Type of signal transmission
Pulse width modulation
Note on the connection method
Crimp connection, cannot be disconnected
480 Ω (Lever actuated)
Coding
150 Ω (Lever not actuated)
Type of charging current
AC single-phase
Charging power
8 kW (1-phase)
Charging current
32 A AC (1-phase)
Power contact
Number
3 (L1, N, PE)
Rated voltage
250 V AC
Rated current
32 A
Signal contact
Number
2 (CP, CS)
Rated voltage
30 V AC
Rated current
2 A
Dimensions
Vehicle charging connector
Width
58 mm
Height
151.1 mm
Depth
236.1 mm
Material specifications
Color (Housing)
black (9005)
EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging
cable
1628126
https://www.phoenixcontact.com/us/products/1628126
Apr 16, 2025, 5:44AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com