Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1628126 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1628126
Description  EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628126 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1628126 Datasheet HTML 1Page - PHOENIX CONTACT 1628126 Datasheet HTML 2Page - PHOENIX CONTACT 1628126 Datasheet HTML 3Page - PHOENIX CONTACT 1628126 Datasheet HTML 4Page - PHOENIX CONTACT 1628126 Datasheet HTML 5Page - PHOENIX CONTACT 1628126 Datasheet HTML 6Page - PHOENIX CONTACT 1628126 Datasheet HTML 7Page - PHOENIX CONTACT 1628126 Datasheet HTML 8Page - PHOENIX CONTACT 1628126 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
CHARX connect comfort, Type 1, AC charging cable, 32 A permanent, 250 V AC, with vehicle
charging connector and open cable end, cable: 5 m, black, straight, with protective cap, with
locking option for padlock, PHOENIX CONTACT logo, IEC 62196-2, SAE J1772, for charging
electric vehicles (EV) with alternating current (AC) via type 1 vehicle charging inlets
Product description
AC charging cable with vehicle charging connector and free cable end for charging electric vehicles (EV) with alternating current (AC) via type 1
vehicle charging inlets, for installation at charging stations for e-mobility (EVSE)
Your advantages
Complete product range
•
Convenient handling due to the ergonomic, triple award-winning design
•
Available with your logo on request - for consistent branding of your charging station
•
Longitudinal water tightness reliably prevents water ingress
•
Developed and produced in accordance with the IATF 16949 automotive standard and ISO 9001
•
Tested in accordance with automotive standards LV124, LV214, and LV215-2
•
Tested in accordance with EV Ready 37 requirements
•
Laser-marked mating face in accordance with DIN EN 17186
•
Commercial data
Item number
1628126
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
EM01
Product key
XWBAAA
Catalog page
Page 25 (C-7-2019)
GTIN
4055626385389
Weight per piece (including packing)
2,130 g
Weight per piece (excluding packing)
2,063 g
Customs tariff number
85444290
Country of origin
PL
EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging
cable
1628126
https://www.phoenixcontact.com/us/products/1628126
Apr 16, 2025, 5:44AM
Page 1 (9)


Similar Part No. - 1628126

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162812 FESTO-162812 Datasheet
88Kb / 1P
Shut off valve
logo
PHOENIX CONTACT
1628125 PHOENIX-1628125 Datasheet
386Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-5,0M6,0ESBK11
More results

Similar Description - 1628126

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623909 PHOENIX-1623909 Datasheet
367Kb / 8P
AC charging cable - EV-TAG3PK-1AC32A-4,0M6,0ESBK01
1164343 PHOENIX-1164343 Datasheet
56Kb / 3P
Cable set - EV-T2M3SOW-1AC32A-0,3M6,0E
1627133 PHOENIX-1627133 Datasheet
427Kb / 10P
AC charging cable - EV-T2G3PC-1AC32A-4,0M6,0EHBK01
1627344 PHOENIX-1627344 Datasheet
309Kb / 8P
AC charging cable - EV-T1G3C-1AC32A-4,0M6,0EHBK01
1628125 PHOENIX-1628125 Datasheet
386Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-5,0M6,0ESBK11
1628379 PHOENIX-1628379 Datasheet
338Kb / 8P
AC charging cable - EV-T1G2C-1AC32A-25FT10ASBK11
1628023 PHOENIX-1628023 Datasheet
548Kb / 9P
AC charging cable - EV-TAG3PK-1AC32A-5,0M6,0ESBK01
1106637 PHOENIX-1106637 Datasheet
509Kb / 9P
DC charging cable - EV-T2G4CC-DC40A-5,0M6,0ESBK11
1628115 PHOENIX-1628115 Datasheet
120Kb / 8P
AC charging cable - EV-T2G3P-1AC32A-1,5M6,0ESBK01
09/12/2020
1628210 PHOENIX-1628210 Datasheet
168Kb / 11P
AC charging cable - EV-TAG3PK-1AC32A-10M6,0ESBK01
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com