Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA84006F/FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA84006F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 9Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TA84006F/FG
2006-3-6
6
Electrical Characteristics (Ta = 25°C, VCC = 5 V, VM = 20 V)
Characteristic
Symbol
Test
Circuit
Test Conditions
Min
Typ.
Max
Unit
VIN (H)
1
IN_UP, IN_VP, IV_WP
IN_UN, IN_VN, IN_WN
2.5
⎯
5.0
Input voltage
VIN (L)
1
⎯
GND
⎯
0.8
V
IIN1 (H)
2
VIN = 5 V,
IN_UP, IN_VP, IN_WP
⎯
⎯
20
IIN2 (H)
2
VIN = 5V,
IN_UN, IN_VN, IN_WN
300
450
600
IIN1 (L)
2
VIN = GND,
IN_UN, IN_VN, IN_WN
⎯
⎯
1
Input current
IIN2 (L)
2
VIN = GND,
IN_UP, IN_VP, IN_WP
300
450
600
µA
ICC1
3
Upper phase 1 ON,
lower phase 1 ON, output open
⎯
8.0
13.0
ICC2
3
Upper phase 2 ON,
synchronous regeneration
mode, output open
⎯
7.0
12.0
ICC3
3
All phases OFF, output open
⎯
6.0
11.0
IM1
3
Upper phase 1 ON,
lower phase 1 ON, output open
⎯
2.0
3.5
IM2
3
Upper phase 2 ON,
synchronous regeneration
mode, output open
⎯
2.0
3.5
Power supply current
IM3
3
All phases OFF, output open
⎯
1.8
3.2
mA
Lower output saturation voltage
VSAT
4
IO = 0.5 A
⎯
1.0
1.5
V
Upper output ON-resistance
Ron
5
IO = ±0.5 A, bi-directional
⎯
0.65
1.0
Ω
Lower diode forward voltage
VF (L)
6
IF = 0.5 A
⎯
1.2
1.6
V
Upper diode forward voltage
VF (H)
7
IF = 0.5 A
⎯
0.9
1.4
V
Mid-point voltage
VN
8
VM
= 20 V
VRF
= 0 V
9.88
10.4
10.92
V
Pin voltage detection level
VCMP
9
VM
= 20 V
VRF
= 0 V
9.88
10.4
10.92
V
VOL (CMP)
9
IOL = 1 mA
GND
⎯
0.5
V
Pin voltage detection output voltage
ROH (CMP)
9
⎯
7
10
13
k
Ω
Overcurrent detection level
VRF
10
⎯
0.45
0.5
0.55
V
VOH (ISD)
10
IOH = 0.1 mA
4.5
⎯
5.0
V
Overcurrent detection output voltage
VOL (ISD)
10
IOL = 0.1 mA
GND
⎯
0.5
V
Reference voltage
VZ
11
IZ = 0.5 mA, Tj = 25°C
20.9
22.0
23.1
V
TSD temperature
TSD
⎯
Tj
⎯
165
⎯
°C
TSD hysteresis width
∆T
⎯
⎯
⎯
30
⎯
°C
IL (H)
12
Pch-MOS
⎯
0
100
Output leakage current
IL (L)
13
⎯
⎯
0
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com