Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA84006F/FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA84006F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 9Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 10Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 11Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 12Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TA84006F/FG
2006-3-6
9
Equivalent Circuit
<Overcurrent detector (RF, VISD, ISD) >
• Input to the VISD1 pin the voltage generated at the overcurrent detection resistor RF connected to the
RF pin.
• At chopping ON, voltage spikes at the RF pin as a result of the Pch-MOS output capacitance. To cancel
the spike, externally connect a capacitor to the VISD2 pin. (10 k
Ω resistor built-in)
• If the VISD2 pin voltage exceeds the internal reference voltage (VRF = 0.5 V), the overcurrent detection
output ISD pin goes Low.
Inputting the inversion of the ISD pin output to the TB6537P/PG/F/FG or TB6548F/FG OC pin limits the
PWM ON time and the current at the ISD output rising edge.
<Pin voltage detector (COMP) >
• The pin voltage detector outputs the result of OR-ing the output pin voltages and the virtual mid-point N
voltage to determine the majority.
(If at least two phases of the three-phase output are greater than the mid-point potential, the detector
outputs “Low”. Conversely, if at least two phases are smaller than the mid-point potential, the circuit
outputs “High”.)
• With the virtual mid-point potential VN used as the reference for the pin voltage detection circuit
considered as half the voltage applied to the motor, then
VN
= [ (VM − Ron (upper) *IO) − (Vsat (lower) + VRF) ]/2 + Vsat + VRF
= [VM − VRF + Vsat (lower) − Ron (upper) *IO]/2 + VRF.
Here, assuming that: Vsat (lower) − Ron (upper) *IO ∼− VF,
we have set the following: VN
= [VM − VRF + VF]/2 + VRF
<Overheating protector>
• Automatic restoration
TSD (ON)
= 165°C
TSD (OFF)
= 135°C
• Temperature hysteresis supported
TSD (HYS)
= 30°C
COMP
VCC
GND
Majority-determining
OR data
ISD
VCC
10 k
Ω
External
capacitor
VISD1
VISD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com