Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-139RH/SAMPLE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HS0-139RH/SAMPLE
Description  Radiation Hardened Quad Voltage Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-139RH/SAMPLE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HS0-139RH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HS-139RH, HS-139EH
FN3573 Rev 6.01
Page 4 of 4
May 5, 2025
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package
information is the most current data available and is subject to change without revision of this document.
Revision History
TABLE 1. HS-139RH, HS-139EH PAD COORDINATES
PIN NUMBER
PAD NAME
RELATIVE TO PIN 1
X
COORDINATES
Y
COORDINATES
1
OUT 2
0
0
2
OUT 1
0
-535
3
V+
1323
-688
4
-IN 1
1862
-670
5
+IN 1
2439
-670
6
-IN 2
3084
-299
7
+IN 2
3084
278
8
-IN 3
3084
518
9
+IN 3
3084
1095
10
-IN 4
2439
1466
11
+IN 4
1862
1466
12
GND
1550
1503
13
OUT 4
0
1331
14
OUT 3
0
796
NOTE: Dimensions in microns
REVISION
DATE
DESCRIPTION
6.01
May 5, 2025
Updated Ordering Information table notes.
Added Revision History Section.
Updated POD K14.A to the latest revision; changes are as follows:
-Applied latest template
-Corrected typo in the mm value for dimension E1 from 7.11 to 7.37mm (i.e. the dim equivalent
to E1 from the table in the previous revision) to make it equal to the 0.290 inch dim & compliant
to MIL-STD-1835.
-Corrected typo in the dimension of the bottom ceramic pedestal width.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com