Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-139RH/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS0-139RH/SAMPLE
Description  Radiation Hardened Quad Voltage Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-139RH/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS0-139RH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN3573 Rev 6.01
Page 1 of 4
May 5, 2025
© 1999-2025 Renesas Electronics
HS-139RH, HS-139EH
Radiation Hardened Quad Voltage Comparator
DATASHEET
The Radiation Hardened HS-139RH, HS-139EH consists of four
independent single or dual supply voltage comparators on a
single monolithic substrate. The common mode input voltage
range includes ground, even when operated from a single
supply and the low supply current makes these comparators
suitable for low power applications. These types were designed
to directly interface with TTL and CMOS.
The HS-139RH, HS-139EH are fabricated on our dielectrically
isolated Rad Hard Silicon Gate (RSG) process, which provides
an immunity to Single Event Latch-up and the capability of
highly reliable performance in any radiation environment.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-139RH, HS-139EH
are contained in SMD 5962-98613. A “hot-link” is provided on
our homepage with instructions for downloading.
Features
• QML qualified per MIL-PRF-38535 requirements
• Radiation environment
- Latch-up free under any conditions
- Total dose (Max). . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU LET threshold . . . . . . . . . . . . . . . . . . . 20MeV/cm2/mg
- Low dose rate effects immunity
• 100V output voltage withstand capability
• ESD protection to >3000V
• Differential input voltage range equal to the supply voltage
• Input offset voltage (VIO). . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Quiescent supply current . . . . . . . . . . . . . . . . . . . . 2mA (Max)
• Pb-Free (RoHS Compliant)
Applications
• Pulse generators
• Timing circuitry
• Level shifting
• Analog-to-digital conversion
Pin Configurations
HS-139RH, HS-139EH
(SBDIP CDIP2-T14)
TOP VIEW
HS-139RH, HS-139EH
(FLATPACK CDFP3-F14)
TOP VIEW
OUT 2
OUT 1
V+
- IN 1
+ IN 1
- IN 2
+ IN 2
OUT 3
OUT 4
GND
+ IN 4
- IN 4
+ IN 3
- IN 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
OUT 2
OUT 1
V+
- IN 1
+ IN 1
- IN 2
+IN 2
OUT 3
OUT 4
GND
+ IN 4
- IN 4
+ IN 3
- IN 3


Similar Part No. - HS0-139RH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0-139RH RENESAS-HS0-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
HS0-139RH-Q RENESAS-HS0-139RH-Q Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results

Similar Description - HS0-139RH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
Radiation Hardened Quad Voltage Comparator
May 19, 2009
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com