Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-139RH/SAMPLE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS0-139RH/SAMPLE
Description  Radiation Hardened Quad Voltage Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-139RH/SAMPLE Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS0-139RH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HS0-139RH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS-139RH, HS-139EH
FN3573 Rev 6.01
Page 2 of 4
May 5, 2025
Ordering Information
ORDERING SMD NUMBER
(Note 1)
PART NUMBER
(Note 2)
PACKAGE
DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
CARRIER TYPE
TEMP. RANGE (°C)
5962F9861303VCC
HS1-139EH-Q
14 Ld SBDIP
D14.3
Tube
-55 to +125
5962F9861301VCC
HS1-139RH-Q
14 Ld SBDIP
D14.3
Tube
-55 to +125
5962F9861301QCC
HS1-139RH-8
14 Ld SBDIP
D14.3
Tube
-55 to +125
HS1-139RH/PROTO
(Note 3)
HS1-139RH/PROTO
14 Ld SBDIP
D14.3
Tube
-55 to +125
5962F9861301VXC
HS9-139RH-Q
14 Ld FLATPACK
K14.A
Tray
-55 to +125
5962F9861301QXC
HS9-139RH-8
14 Ld FLATPACK
K14.A
Tray
-55 to +125
5962F9861303VXC
HS9-139EH-Q
14 Ld FLATPACK
K14.A
Tray
-55 to +125
HS9-139RH/PROTO
(Note 3)
HS9-139RH/PROTO
14 Ld FLATPACK
K14.A
Tray
-55 to +125
5962F9861303V9A
(Note 4)
HS0-139EH-Q
Die
N/A
N/A
-55 to +125
5962F9861301V9A
(Note 4)
HS0-139RH-Q
Die
N/A
N/A
-55 to +125
HS0-139RH/SAMPLE
(Notes 3, 4)
HS0-139RH/SAMPLE
Die
N/A
N/A
-55 to +125
NOTES:
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in the
table must be used when ordering.
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and are
in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the DLA SMD.
The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come with a Certificate
of Conformance because they are not DLA qualified devices.
4. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in SMD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com