Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADG902EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADG902EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADG901/ADG902
Data Sheet
Rev. D | Page 4 of 13
CONTINOUS CURRENT PER CHANNEL
Table 2.
Parameter
25°C
85°C
105°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL
8-Lead LFCSP
θJA = 48°C/W, dc bias = 0.5 V
VDD = 2.75 V, VSS = 0 V
70
7
3.85
2.8
mA maximum
VDD = 1.65 V, VSS = 0 V
56
7
3.85
2.1
mA maximum
8-lead MSOP
θJA = 206°C/W, dc bias = 0.5 V
VDD = 2.75 V, VSS = 0 V
51.1
7
3.85
2.8
mA maximum
VDD = 1.65 V, VSS = 0 V
39.9
7
3.85
2.1
mA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com