Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADG902EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADG902EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADG901/ADG902
Data Sheet
Rev. D | Page 6 of 13
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. THE LFCSP PACKAGE HAS AN EXPOSED
PAD. THE EXPOSED PAD MUST BE TIED
TO THE SUBSTRATE, GND.
3
4
1
2
6
5
8
7
VDD
CTRL
GND
RF1
RF2
GND
GND
GND
TOP VIEW
(Not to Scale)
ADG901
Figure 4. 8-Lead LFCSP Pin Configuration
ADG901/
ADG902
TOP VIEW
(Not to Scale)
VDD
CTRL
GND
RF1
RF2
GND
GND
GND
1
2
3
4
8
7
6
5
Figure 5. 8-Lead MSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These devices can be operated from 1.65 V to 2.75 V; decouple VDD to GND.
2
CTRL
CMOS or LVTTL Logic Level. CTRL input must not exceed VDD.
Logic 0: RF1 isolated from RF2.
Logic 1: RF1 to RF2.
3, 5, 6, 7
GND
Ground Reference Point for All Circuitry on the Device.
4
RF1
RF1 Port.
8
RF2
RF2 Port.
EPAD
Exposed Pad. The LFCSP package has an exposed pad. The exposed pad must be tied to the substrate, GND.
Table 5. Truth Table
CTRL
Signal Path
0
RF1 isolated from RF2
1
RF1 to RF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com