Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADG902EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADG902EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADG901/ADG902
Rev. D | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = 2.5V
VDD = 2.75V
VDD = 2.25V
Figure 6. Insertion Loss vs. Frequency over Supplies (S12 and S21)
–0.40
–1.00
–0.85
–0.80
–0.75
–0.70
–0.65
–0.95
–0.90
–0.60
–0.55
–0.50
–0.45
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 2.75V
VDD = 2.25V
VDD = 2.5V
TA = 25°C
Figure 7. Insertion Loss vs. Frequency over Supplies (S12 and S21)
(Zoomed Figure 6 Plot)
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 1.8V
VDD = 1.95V
VDD = 1.65V
TA = 25°C
Figure 8. Insertion Loss vs. Frequency over Supplies (S12 and S21)
–0.4
–3.0
–2.2
–2.0
–1.8
–1.6
–1.4
–2.8
–2.6
–2.4
–1.2
–1.0
–0.8
–0.6
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
+25
°C
+85
°C
–40
°C
VDD = 2.5V
Figure 9. Insertion Loss vs. Frequency over Temperature (S12 and S21)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 10. Off Isolation vs. Frequency over Supplies (S12 and S21)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
–85
–75
–65
–55
–45
–35
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
+85
°C
+25
°C
–40
°C
VDD = 2.5V
Figure 11. Off Isolation vs. Frequency over Temperature (S12 and S21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com