Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAR1000ACCZN-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADAR1000ACCZN-R7
Description  GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR1000ACCZN-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADAR1000ACCZN-R7 Datasheet HTML 71Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 72Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 73Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 74Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 75Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 76Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 77Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 78Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
Data Sheet
ADAR1000
REGISTER MAP
analog.com
Rev. B | 76 of 79
Table 98. Bit Descriptions for CH4_PA_BIAS_OFF
Bit(s)
Bit Name
Settings
Description
Reset
Access
[7:0]
EXT_PA4_BIAS_OFF
External Bias for External PA 4
0x0
R/W
Address: 0x04A, Reset: 0x00, Name: LNA_BIAS_OFF
Table 99. Bit Descriptions for LNA_BIAS_OFF
Bit(s)
Bit Name
Settings
Description
Reset
Access
[7:0]
EXT_LNA_BIAS_OFF
External Bias for External LNAs
0x0
R/W
Address: 0x04B, Reset: 0x00, Name: TX_TO_RX_DELAY_CTRL
Table 100. Bit Descriptions for TX_TO_RX_DELAY_CTRL
Bit(s)
Bit Name
Settings
Description
Reset
Access
[7:4]
TX_TO_RX_DELAY_1
PA Bias off to TR Switch Delay
0x0
R/W
[3:0]
TX_TO_RX_DELAY_2
TR Switch to LNA Bias on Delay
0x0
R/W
Address: 0x04C, Reset: 0x00, Name: RX_TO_TX_DELAY_CTRL
Table 101. Bit Descriptions for RX_TO_TX_DELAY_CTRL
Bit(s)
Bit Name
Settings
Description
Reset
Access
[7:4]
RX_TO_TX_DELAY_1
LNA Bias off to TR Switch Delay
0x0
R/W
[3:0]
RX_TO_TX_DELAY_2
TR Switch to PA Bias on Delay
0x0
R/W
Address: 0x04D, Reset: 0x00, Name: TX_BEAM_STEP_START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com