Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/08R1 Datasheet(PDF) 7 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 7 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
7
RING TERMINALS
300/350 MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 505 Amps
Barrel ID(d1): .827
Material Thickness (T): .138
Barrel OD (D): 1.126
Barrel Length (E): 1.122
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
2009R1
3/8
.413
1.516
.965
2.717
Y
NA
NA
20011R1
7/16
.453
1.516
.965
2.717
Y
NA
NA
603
20013R1
1/2
.512
1.516
.965
2.717
Y
NA
NA
20016R1
5/8
.669
1.516
.965
2.717
Y
NA
NA
20019R1
3/4
.827
1.516
1.535
3.409
Y
NA
NA
400/500 MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 620 Amps
Barrel ID(d1): .945
Material Thickness (T): .157
Barrel OD (D): 1.283
Barrel Length (E): 1.240
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
2509R1
3/8
.413
1.732
.965
2.835
Y
NA
NA
25011R1
7/16
.453
1.732
.965
2.835
Y
NA
NA
603
25013R1
1/2
.512
1.732
.965
2.835
Y
NA
NA
25016R1
5/8
.669
1.732
.965
2.835
Y
NA
NA
500/600MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 690 Amps
Barrel ID: 1.102
Material Thickness (T): .169
Barrel OD: 1.480
Barrel Length: 1.398
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
3009R1
3/8
.413
1.988
1.319
3.465
Y
NA
NA
30011R1
7/16
.453
1.988
1.319
3.465
Y
NA
NA
603
30013R1
1/2
.512
1.988
1.319
3.465
Y
NA
NA
30016R1
5/8
.669
1.988
1.319
3.465
Y
NA
NA
*Refer to Tool Selector Chart (page 92-93) for Tool Die Numbers.
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com