Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/08R1 Datasheet(PDF) 24 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 24 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 20Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 21Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 22Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 23Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 24Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 25Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 26Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 27Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 28Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
24
1210 AWG Vinyl Insulated Spade Terminals with Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 50 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .268
Material Thickness (T): .039
Barrel Length (E): .531
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HAND TOOL
d2
W
F
L
FVD1210S3A
6
.146
.283
.295
.980
Y
1000
3V1210
YNM2210D
FVD1210S4A
8
.169
.327
.276
1.024
Y
1000
3V1210
YNM2210D
FVD12105A
10
.209
.354
.276
1.024
Y
1000
3V1210
YNM2210D
FVD12106A
1/4
.252
.472
.472
1.260
Y
1000
3V1210
YNM2210D
Nylon Insulated Spade Terminals
2622 AWG Nylon Insulated Spade with Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow 6/6 Nylon with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 8 Amps
Barrel ID (d1): .039
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .091
Material Thickness (T): .197
Barrel Length (E): .315
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QT
MOUNTED
d2
W
F
L
FND26222A/J
4
0.126
0.181
0.177
0.673
N
NA
NA
YNT2622
FND26223.7A/J
6
0.146
0.252
0.303
0.760
N
NA
NA
YNT2622
FND26224A/J
8
0.169
0.276
0.248
0.801
N
NA
NA
YNT2622
SPADE TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com