Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/08R1 Datasheet(PDF) 16 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 16 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 12Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 15Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 16Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 17Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 18Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 19Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 20Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
16
8 AWG Non-Insulated Flag Ring
Material: Tin Plated Copper with Brazed Seam
Insulation Material: None
Maximum Electrical Current: 70 Amps
Maximum Temperature Rating: 176°C
Barrel ID (d1): .177
J Type: .177
Material Thickness (T): .047
Barrel OD (E): .283
J Type: .280
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
d2
W
F
L
FG85
10
0.209
0.500
0.358
0.906
Y
YG8S
FG85/J
10
0.209
0.496
0.374
0.906
Y
YG8S
FG86
1/4
0.252
0.500
0.358
0.906
Y
YG8S
FG86/J
1/4
0.252
0.496
0.374
0.906
Y
YG8S
FG88
5/16
0.331
0.610
0.543
1.13
Y
YG8S
FG88/J
5/16
0.331
0.610
0.535
1.122
Y
YG8S
FG89
3/8
0.413
0.610
0.543
1.114
Y
YG8S
FG89/J
3/8
0.413
0.610
0.535
1.122
Y
YG8S
6 AWG Non-Insulated Flag Ring
Material: Tin Plated Copper with Brazed Seam
Insulation Material: None
Maximum Electrical Current: 95 Amps
Maximum Temperature Rating: 176°C
Barrel ID (d1): .228
J Type: .228
Material Thickness (T): .059
Barrel OD (E): .354
J Type: .354
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
d2
W
F
L
FG65/J
10
0.209
0.496
0.382
0.984
Y
YG14S
FG66
1/4
0.252
0.500
0.378
0.980
Y
YG14S
FG66/J
1/4
0.252
0.496
0.382
0.984
Y
YG14S
FG68
5/16
0.331
0.630
0.531
1.201
Y
YG14S
FG69
3/8
0.413
0.622
0.531
1.201
Y
YG14S
B
T
L
F
E
d1
ød2
FLAG RING TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com