Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5AN-R3ML-500-N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5AN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3ML-500-N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5AN-R3ML-500-N Datasheet HTML 6Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 9Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 10Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Basic-type Digital Temperature Controller
E5AN/E5EN
USB-Serial Conversion Cable
Note: A driver must be installed in the personal computer. Refer to
installation information in the operation manual for the
Conversion Cable.
Communications Specifications
✽ The baud rate, data bit length, stop bit length, and vertical parity can
be individually set using the Communications Setting Level.
Current Transformer (Order Separately)
Ratings
Heater Burnout Alarms, SSR Failure
Alarms, and Heater Overcurrent Alarms
✽1. For heater burnout alarms, the heater current will be measured
when the control output is ON, and the output assigned to the
alarm 1 function will turn ON if the heater current is lower than the
set value (i.e., heater burnout detection current value).
✽2. For SSR failure alarms, the heater current will be measured when
the control output is OFF, and the output assigned to the alarm 1
function will turn ON if the heater current is higher than the set
value (i.e., SSR failure detection current value).
✽3. For heater overcurrent alarms, the heater current will be
measured when the control output is ON, and the output assigned
to the alarm 1 function will turn ON if the heater current is higher
than the set value (i.e., heater overcurrent detection current
value).
Electrical Life Expectancy Curve for
Relays (Reference Values)
Note: Do not connect a DC load to a Controller with a Long-life Relay
Output.
Applicable OS
Windows 2000, XP, or Vista
Applicable software
Thermo Mini, CX-Thermo version
4.0 or higher
Applicable models
E5AN/E5EN/E5CN/E5CN-U/E5AN-
H/E5EN-H/E5CN-H
USB interface standard
Conforms to USB Specification 1.1.
DTE speed
38400 bps
Connector specifications
Computer: USB (type A plug)
Temperature Controller: Setup Tool
port (on bottom of Controller)
Power supply
Bus power (Supplied from USB host
controller.)
Power supply voltage
5 VDC
Current consumption
70 mA
Ambient operating temper-
ature
0 to 55°C (with no condensation or
icing)
Ambient operating humidity 10% to 80%
Storage temperature
−20 to 60°C (with no condensation
or icing)
Storage humidity
10% to 80%
Altitude
2,000 m max.
Weight
Approx. 100 g
Transmission line
connection method
RS-485: Multipoint
RS-232C: Point-to-point
Communications
RS-485 (two-wire, half duplex) or RS-
232C
Synchronization method Start-stop synchronization
Protocol
CompoWay/F, SYSWAY, or Modbus
Baud rate
1200, 2400, 4800, 9600, 19200, 38400,
or 57600 bps
Transmission code
ASCII
Data bit length
✽
7 or 8 bits
Stop bit length
✽
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Frame check sequence (FCS) with
SYSWAY
Block check character (BCC) with
CompoWay/F or CRC-16 Modbus
Flow control
None
Interface
RS-485, RS-232C
Retry function
None
Communications buffer
217 bytes
Communications
response wait time
0 to 99 ms
Default: 20 ms
Dielectric strength
1,000 VAC for 1 min
Vibration resistance 50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g,
E54-CT3: Approx. 50 g
Accessories
(E54-CT3 only)
Armatures (2)
Plugs (2)
CT input (for heater cur-
rent detection)
Models with detection for single-
phase heaters: One input
Models with detection for single-
phase or three-phase heaters: Two
inputs
Maximum heater current
50 A AC
Input current indication
accuracy
±5% FS ±1 digit max.
Heater burnout alarm set-
ting range
✽1
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection ON time: 100 ms
SSR failure alarm setting
range
✽2
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection OFF time: 100 ms
Heater overcurrent alarm
setting range
✽3
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection ON time: 100 ms
500
300
100
50
30
10
5
3
1
0
1
2345
6
E5AN/E5EN
250 VAC, 30 VDC
(resistive load)
cos
φ = 1
Switching current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com