Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5AN-R3ML-500-N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5AN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3ML-500-N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5AN-R3ML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 9Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 10Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Basic-type Digital Temperature Controller
E5AN/E5EN
11
External Connections
• A voltage output (control output 1, for driving SSR) is not electrically insulated from the internal circuits. When using a grounding thermocouple,
do not connect any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the
measured temperature values as a result of leakage current.
The voltage output (control output 2, for driving SSR) has basic insulation provided for the internal circuit.
• Consult with your OMRON representative before using the external power supply for the ES1B for any other purpose.
A heater burnout alarm, heater short alarm,
heater overcurrent alarm, or input alarm is
sent to the output to which the alarm 1
function is assigned.
Communications
E53-EN03
RS-485
B (
+)
11
A (
−)
12
DO NOT USE
13
E53-EN01
RS-232C
SD
11
RD
12
SG
13
E53-AKB
Event inputs
11
12
13
250 VAC, 3 A
(resistive load)
Relay outputs
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Current output
0 to 20 mA DC
Voltage output
(for driving SSR)
12 VDC, 40 mA
Load: 600
Ω max.
4 to 20 mA DC
Relay output
250 VAC, 5A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Long-life relay output
250 VAC, 3 A
(resistive load)
EV1
EV2
CT1/CT2
Control output 2
Auxiliary output
1, 2, 3
Control output 1
Input power supply
Auxiliary output 2
1
2
3
4
5
13
14
15
6
7
8
9
10
16
17
18
19
Control output 1
B
V
mA
Auxiliary output 3
20
CT1
CT2
+
-
Control output 2
DO NOT
USE
+
-
External power supply
12 VDC, 20 mA
DO NOT
USE
DO NOT USE
B
A
DO NOT
USE
DO NOT
USE
DO NOT
USE
Auxiliary output 1
11
12
T/c
Pt
Volt
mA
temperature
analog
input
input
Controllers
Option Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com