Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5AN-R3ML-500-N Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5AN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3ML-500-N Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5AN-R3ML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 9Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 10Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 15Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Basic-type Digital Temperature Controller
E5AN/E5EN
Nomenclature
✽ A 2-level display when shipped from the factory. A 3-level display is activated if parameters are initialized. For details on the third display level,
refer to the User’s Manual, Basic Type (Cat. No. H156).
Dimensions
(Unit: mm)
SUB3
HA
SUB2
OUT2
OUT1
CMW
STOP
PF
A/M
MANU
SUB1
MV
SV
PV
E5AN
Operation indicators
Programmable
Function Key/
Auto/Manual Key
No.1 display
No. 2 display
No. 3 display
Up Key
Down Key
Temperature unit
Mode Key
Level Key
E5AN
E5EN
PF
A/M
MV
SV
PV
E5EN
SUB2
SUB3
STOP
OUT1
MANU
CMW
OUT2
SUB1
HA
Operation indicators
Temperature unit
Operation indicators
Mode Key
Level Key
No.1 display
No.2 display
No.3 display
Up Key
Down Key
Programmable
Function Key/
Auto/Manual Key
96
× 96
Mounting Bracket
(Accessory)
Waterproof
Packing
(Accessory)
Terminal Cover
(E53-COV16)
(Accessory)
Crimp terminal size: M3.5
112
91
79.2
6
2
92
+0.8
0
92
+0.8
0
92
+0.8
0
(96
× number of units − 3.5)
+1.0
0
120 min.
Group mounting does not allow waterproofing.
Mounted Separately
Group Mounted
• Recommended panel thickness is 1 to
8mm.
• Group mounting is not possible in the
vertical direction. (Maintain the specified
mounting space between Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof packing
onto the Controller.
• When two or more Controllers are
mounted, make sure that the surrounding
temperature does not exceed the
allowable operating temperature specified
in the specifications.
E5AN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com