Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7490LSA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7490LSA
Description  15W 15W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490LSA Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7490LSA Datasheet HTML 1Page - STMicroelectronics TDA7490LSA Datasheet HTML 2Page - STMicroelectronics TDA7490LSA Datasheet HTML 3Page - STMicroelectronics TDA7490LSA Datasheet HTML 4Page - STMicroelectronics TDA7490LSA Datasheet HTML 5Page - STMicroelectronics TDA7490LSA Datasheet HTML 6Page - STMicroelectronics TDA7490LSA Datasheet HTML 7Page - STMicroelectronics TDA7490LSA Datasheet HTML 8Page - STMicroelectronics TDA7490LSA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev1
November 2005
1/13
13
TDA7490LSA
15W +15W Stereo Class-D Amplifier
Features
■ FEATURES
■ 15W + 15W CONTINUOUS OUTPUT
POWER: RL = 6Ω; THD = 10%; VCC ±14.5V
■ HIGH EFFICIENCY
■ SINGLE SUPPLY AND SPLIT SUPPLY
OPERATION
■ POP NOISE FREE
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION
■ EXTERNALLY SYNCHRONIZABLE
Description
The tda7490LSA is a dual audio class-D amplifier
assembled in CLIPWATT 19 package specially
designed for high efficiency application mainly for
TV, LCD TV and Home Stereo sets.
.
Order codes
CLIPWATT 19
Part number
Temp range,
°CPackage
Packing
TDA7490LSA
0 to 70
CLIPWATT 19
Tube
www.st.com


Similar Part No. - TDA7490LSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
More results

Similar Description - TDA7490LSA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
1515W Stereo Filterless Class-D Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com