Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7490LSA Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7490LSA
Description  15W 15W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490LSA Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7490LSA Datasheet HTML 1Page - STMicroelectronics TDA7490LSA Datasheet HTML 2Page - STMicroelectronics TDA7490LSA Datasheet HTML 3Page - STMicroelectronics TDA7490LSA Datasheet HTML 4Page - STMicroelectronics TDA7490LSA Datasheet HTML 5Page - STMicroelectronics TDA7490LSA Datasheet HTML 6Page - STMicroelectronics TDA7490LSA Datasheet HTML 7Page - STMicroelectronics TDA7490LSA Datasheet HTML 8Page - STMicroelectronics TDA7490LSA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TDA7490LSA
2 Electrical characteristcs
5/13
2
Electrical characteristcs
Table 3.
electrical characteristcs (Refer to the test circuit, VCC = ±14.5V; RL = 6Ω;
Demod. filter L = 33
µH, C = 220nF; f = 1KHz; R1 = 27kΩ; T
amb = 25°C unless otherwise
specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±7
±15
V
Iq
Total Quiescent Current
RL = ∞; no LC filter
60
mA
VOS
Output Offset Voltage
-150
+150
mV
Po
Output Power
THD = 10%
THD = 1%
15
12
W
W
VCC = ±10V; RL = 4Ω
THD = 10%
THD = 1%
10
8
W
W
VCC = ±13.5V; RL = 8Ω
THD = 10%
THD = 1%
10
8.2
W
W
PD
Maximum Dissipated Power
Po = 10+10W; ; RL = 8Ω; THD =
10%; VCC = ±13.5V
3.5
W
h
Efficiency (1)
Po = 10+10W; RL = 8Ω;
VCC = ±13.5V
86
%
THD
Total Harmonic Distortion
RL = 8Ω; Po = 0.5W
0.1
%
Imax
Overcurrent Protection
Threshold
RL = 0
2.5
A
Tj
Thermal Shut-down Junction
Temperature
150
°C
GV
Closed Loop Gain
30
dB
∆G
V
Gain Matching
-1
1
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
7
µV
12
µV
CT
Cross Talk
f = 1KHz
t.b.d.
dB
Ri
Input Resistance
30
k
Ω
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 0.5
60
dB
Vrmax
Overvoltage Protection
Threshold
30
V
Tr, Tf
Rising and Falling Time
50
ns
RDSON
Power Transistor on Resistance
0.3
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com