Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7490LSA Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7490LSA
Description  15W 15W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490LSA Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7490LSA Datasheet HTML 1Page - STMicroelectronics TDA7490LSA Datasheet HTML 2Page - STMicroelectronics TDA7490LSA Datasheet HTML 3Page - STMicroelectronics TDA7490LSA Datasheet HTML 4Page - STMicroelectronics TDA7490LSA Datasheet HTML 5Page - STMicroelectronics TDA7490LSA Datasheet HTML 6Page - STMicroelectronics TDA7490LSA Datasheet HTML 7Page - STMicroelectronics TDA7490LSA Datasheet HTML 8Page - STMicroelectronics TDA7490LSA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA7490LSA
4/13
Table 1.
pin description
1.3
thermal data
Table 2.
thermal data
Pin
Function
1
OUT 1
Output CH1
2
+VCC1
Positive Power Supply CH1
3
BOOT1
Bootstrap CH1
4
ST-BY/MUTE
State Pin
5
IN1
Input CH1
6
REFERENCE
Master Oscillator Setting Frequency
7
-5V
-5V Regulator
8
TRIANGLE 1
Triangular Waveform CH1
9
-VCC
Negative Power Supply (Signal Ground)
10
-Vcc
Negative Power Supply (Power Ground) connected to tab
11
N.C.
12
GND
Ground
13
TRIANGLE 2
Triangular Waveform CH2
14
+5V
+5V regulator
15
IN 2
Input CH2
16
VREG
10V Regulator
17
BOOT 2
Bootstrap CH2
18
+VCC2
Positive Power Supply CH2
19
OUT 2
Output CH2
Symbol
Parameter
Test Condition
Typ.
Max.
Unit
Rth j-case
Thermal Resistance Junction-case
2
3
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
48
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com