Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 39Page - STMicroelectronics ST10F272M Datasheet HTML 40Page - STMicroelectronics ST10F272M Datasheet HTML 41Page - STMicroelectronics ST10F272M Datasheet HTML 42Page - STMicroelectronics ST10F272M Datasheet HTML 43Page - STMicroelectronics ST10F272M Datasheet HTML 44Page - STMicroelectronics ST10F272M Datasheet HTML 45Page - STMicroelectronics ST10F272M Datasheet HTML 46Page - STMicroelectronics ST10F272M Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 175 page
background image
ST10F272M
Bootstrap loader
43/176
6
Bootstrap loader
The ST10F272M implements Boot capabilities in order to:
Support bootstrap via UART or bootstrap via CAN for the standard bootstrap
Support a Selective Bootstrap Loader, to manage the bootstrap sequence in a different
way
6.1
Selection among user-code, standard or selective bootstrap
The boot modes are triggered with a special combination set on Port0L[5...4]. Those
signals, as other configuration signals, are latched on the rising edge of RSTIN pin.
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 1) selects the normal mode (also
called User mode) and selects the user Flash to be mapped from address 00’0000h.
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 0) selects ST10 standard bootstrap
mode (Test-Flash is active and overlaps user Flash for code fetches from address
00'0000h; user Flash is active and available for read accesses).
Decoding of reset configuration (P0L.5 = 0, P0L.4 = 1) activates new verifications to
select which bootstrap software to execute:
if the User mode signature in the User Flash is programmed correctly, then a
software reset sequence is selected and the User code is executed;
if the User mode signature is not programmed correctly in the user Flash, then the
User key location is read again. Its value determines which communication
channel will be enabled for bootstrapping.
.
6.2
Standard bootstrap loader
After entering the standard BSL mode and the respective initialization, the ST10F272M
scans the RxD0 line and the CAN1_RxD line to receive either a valid dominant bit from the
CAN interface or a start condition from the UART line.
Start condition on UART RxD: ST10F272M starts standard bootstrap loader. This
bootstrap loader is identical to that of other ST10 devices (example: ST10F269, ST10F168).
Valid dominant bit on CAN1 RxD: ST10F272M start bootstrapping via CAN1.
Caution:
As both UART_RxD and CAN1_RxD lines are polled to detect a start of communication,
ensure a stable level on the unused channel by adding a pull-up resistor.
Table 26.
ST10F272M boot mode selection
P0.5
P0.4
ST10 decoding
11
User mode: User Flash mapped at 00’0000h
10
Standard Bootstrap Loader: User Flash mapped from 00’0000h, code fetches
redirected to Test-Flash at 00’0000h
01
Selective Boot mode: User Flash mapped from 00’0000h, code fetches
redirected to Test-Flash at 00’0000h (different sequence execution compared to
Standard Bootstrap Loader)
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com