Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-C877 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ACPL-C877
Description  Precision Optically Isolated Digital Voltage Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C877 Datasheet(HTML) 4 Page - Abracon Corporation

  ACPL-C877 Datasheet HTML 1Page - Abracon Corporation ACPL-C877 Datasheet HTML 2Page - Abracon Corporation ACPL-C877 Datasheet HTML 3Page - Abracon Corporation ACPL-C877 Datasheet HTML 4Page - Abracon Corporation ACPL-C877 Datasheet HTML 5Page - Abracon Corporation ACPL-C877 Datasheet HTML 6Page - Abracon Corporation ACPL-C877 Datasheet HTML 7Page - Abracon Corporation ACPL-C877 Datasheet HTML 8Page - Abracon Corporation ACPL-C877 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Broadcom
ACPL-C877-DS100
4
ACPL-C877 Data Sheet
Precision Optically Isolated Digital Voltage Sensor
Package Outline Drawings
Stretched SO-8 Package (SSO-8)
Figure 3: Package Dimensions
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Use non-halide flux.
Regulatory Information
The ACPL-C877 is approved by the following organizations.
IEC/EN 60747-5-5
Maximum working insulation voltage VIORM = 1414 VPEAK.
UL
Approval under UL 1577, component recognition program up to VISO = 5000 Vrms. File E55361.
CSA
Approval under CAN/CSA-C22.2 No. 62368-1.
* Total package width (inclusive of mold flash)
6.100 ± 0.250 mm
Dimensions in millimeters and (inches).
Notes:
Lead coplanarity = 0.1 mm (0.004 inches).
Floating lead protrusion = 0.25 mm (10 mils) max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com