Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-C877 Datasheet(PDF) 9 Page - Abracon Corporation

Part # ACPL-C877
Description  Precision Optically Isolated Digital Voltage Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C877 Datasheet(HTML) 9 Page - Abracon Corporation

Back Button ACPL-C877 Datasheet HTML 5Page - Abracon Corporation ACPL-C877 Datasheet HTML 6Page - Abracon Corporation ACPL-C877 Datasheet HTML 7Page - Abracon Corporation ACPL-C877 Datasheet HTML 8Page - Abracon Corporation ACPL-C877 Datasheet HTML 9Page - Abracon Corporation ACPL-C877 Datasheet HTML 10Page - Abracon Corporation ACPL-C877 Datasheet HTML 11Page - Abracon Corporation ACPL-C877 Datasheet HTML 12Page - Abracon Corporation ACPL-C877 Datasheet HTML 13Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Broadcom
ACPL-C877-DS100
9
ACPL-C877 Data Sheet
Precision Optically Isolated Digital Voltage Sensor
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions/Notes
Note
Input-Output Momentary Withstand Voltage
VISO
5000
—
—
Vrms RH ≤ 50%, t = 1 min; TA = 25°C
a, b
a. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 6000 Vrms for 1 second (leakage
detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (method b) shown in IEC/EN
60747-5-5 Insulation Characteristics table.
b. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating, refer to the IEC/EN 60747-5-5 Insulation Characteristics table and your equipment level
safety specification.
Input-Output Resistance
RI-O
—
>1012
—
Ω
VI-O = 500 Vdc
c
c. This is a two-terminal measurement: pins 1 to 4 are shorted together and pins 5 to 8 are shorted together.
Input-Output Capacitance
CI-O
—
0.5
—
pF
f = 1 MHz
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com