Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-C877 Datasheet(PDF) 8 Page - Abracon Corporation

Part # ACPL-C877
Description  Precision Optically Isolated Digital Voltage Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C877 Datasheet(HTML) 8 Page - Abracon Corporation

Back Button ACPL-C877 Datasheet HTML 4Page - Abracon Corporation ACPL-C877 Datasheet HTML 5Page - Abracon Corporation ACPL-C877 Datasheet HTML 6Page - Abracon Corporation ACPL-C877 Datasheet HTML 7Page - Abracon Corporation ACPL-C877 Datasheet HTML 8Page - Abracon Corporation ACPL-C877 Datasheet HTML 9Page - Abracon Corporation ACPL-C877 Datasheet HTML 10Page - Abracon Corporation ACPL-C877 Datasheet HTML 11Page - Abracon Corporation ACPL-C877 Datasheet HTML 12Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Broadcom
ACPL-C877-DS100
8
ACPL-C877 Data Sheet
Precision Optically Isolated Digital Voltage Sensor
Timing Specifications
Unless otherwise noted, TA = –40°C to +110°C, VDD1 = 4.5V to 5.5V, VDD2 = 3V to 5.5V.
Power Supply
VDD1 Supply Current
IDD1
—8
13
mA
VIN+ = 0V to 2V.
10
VDD2 Supply Current
IDD2
—6.8
10
mA
11
—6.0
8.5
mA
VDD2 = 3.3V supply.
12
a. All Typical values are at TA = 25°C, VDD1 = 5V, VDD2 = 5V.
b. Gain Error Drift vs. VDD1 is expressed as 5 mV/V with reference to VREF.
c. Beyond the full-scale input range, the data output is either all zeros or all ones.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Notes Figure
Modulator Clock Output Frequency
fMCLK
910
11
MHz CL = 15 pF
a
a. fMCLK specification is based on average value which is equal to SDM CLK.
13
Modulator Clock Rising Time
tr
—5—
ns
CL = 15 pF
Modulator Clock Falling Time
tf
—5—
ns
CL = 15 pF
Data Setup Time after MCLK Rising Edge
tS
50
—
—
ns
CL = 15 pF
4
Data Hold Time after MCLK Rising Edge
tH
10
—
—
ns
CL = 15 pF
4
Clock and Data Startup Time
tSTART
—0.5
—
ms
VDD1 step to 4.5V, VDD2 >3.0V.
5
Parameter
Symbol
Min.
Typ.a
Max.
Units
Test Conditions
Figure
Figure 4: Data Timing
Figure 5: Clock and Data Startup Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com